PART |
Description |
Maker |
AD8517 AD8517ART-REEL AD8527 AD8527AR AD8527ARM-RE |
Low Voltage, High Slew Rate, Low Noise, 7 MHz Rail-to-Rail Op Amp, Single; Package: SOT-23; No of Pins: 5; Temperature Range: Industrial OP-AMP, 5000 uV OFFSET-MAX, 7 MHz BAND WIDTH, PDSO5 7 MHz Rail-to-Rail Low Voltage Operational Amplifiers Low Voltage, High Slew Rate, Low Noise, 7 MHz Rail-to-Rail Op Amp, Dual
|
Analog Devices, Inc. AD[Analog Devices]
|
MAX4490 MAX4491 |
Low-Cost, High-Slew-Rate, Rail-to-Rail I/O Op Amps in SC70
|
MAXIM - Dallas Semiconductor
|
DS4812 |
Low Voltage, High Slew Rate, Rail-to-Rail Dual Op-Amp
|
MAXIM - Dallas Semiconductor
|
ISL55036IRTZ ISL55036IRTZ-T13 |
400MHz Slew Rate Enhanced Rail-to-Rail Output Gain Block
|
Intersil Corporation
|
G1402-15 |
Dual Output Rail-to-Rail, High Slew-Rate Amplifiers
|
Global Mixed-mode Techn...
|
G1224P8X |
Dual Rail-to-Rail I/O, High-Slew-Rate OP Amp
|
Global Mixed-Mode Technology, Inc.
|
EL8203 EL5427CRZ-T7 EL8403IUZ-T7 EL5127 EL5127_06 |
500MHz Rail-to-Rail Amplifiers(500MHz轨至轨放大器) 2.5MHz 4, 8, 10 & 12 Channel Rail-to-Rail Buffers
|
INTERSIL[Intersil Corporation]
|
MC33501SNT1 MC33503SNT1 MC33501 MC33503 |
1.0 V, Rail-to-Rail, Single Operational Amplifiers OP-AMP, 7000 uV OFFSET-MAX, 4 MHz BAND WIDTH, PDSO5 1V, Rail-to-Rail, Single Operational Amplifier
|
ONSEMI[ON Semiconductor]
|
LMV321 |
General Purpose, Rail-to-Rail Output Amplifi er Rail-to-Rail Amplifi ers
|
Cadeka Microcircuits LLC.
|
LTC1152CS8TR |
Rail-to-Rail Input Rail-to-Rail Output Zero-Drift Op Amp; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C OP-AMP, 10 uV OFFSET-MAX, 0.7 MHz BAND WIDTH, PDSO8
|
Linear Technology, Corp.
|
OP162DRU OP262 OP262DRU OP462 OP462DRU OP462HRU OP |
15 MHz Rail-to-Rail Operational Amplifier, Quad 15 MHz Rail-to-Rail Operational Amplifier, Dual 15 MHz Rail-to-Rail Operational Amplifier, Single 15 MHZ RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
|
AD[Analog Devices]
|